|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Dimensions in mm (inches). om .c 4U et he aS at .D w w w 2.29 0.20 (0.09 0.008) 1.65 0.13 (0.065 0.005) 2N3347DCSM 2.54 0.13 (0.10 0.005) 2 1 A 6 6.22 0.13 (0.245 0.005) LCC2 (MO-041BB) Pinouts Pin 1 - Collector 1 Pin 2 - Base 1 Pin 3 - Base 2 Parameter VCEO* IC(CONT) hFE ft Test Conditions @ 5/10u (VCE / IC) om cW . U * Maximum Working Voltage t4 ee This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk. Sh ta a D . w w Semelab plc. w PD 0.6 Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk m o .c U t4 e e h S ta a .D w w w 0.64 0.06 (0.025 0.003) 3 4 1.40 0.15 (0.055 0.006) Dual Bipolar PNP Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications 4.32 0.13 (0.170 0.005) Dual Bipolar PNP Devices. VCEO = 45V IC = 0.03A 5 0.23 rad. (0.009) A = 1.27 0.13 (0.05 0.005) All Semelab hermetically sealed products can be processed in accordance with the requirements of BS, CECC and JAN, JANTX, JANTXV and JANS specifications. Pin 4 - Collector 2 Pin 5 - Emitter 2 Pin 6 - Emitter 1 Min. Typ. Max. 45 Units V A Hz 0.03 300 40 60M Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Generated 2-Aug-02 |
Price & Availability of 2N3347DCSM |